PART |
Description |
Maker |
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
SD603C22S20C SD603C SD603C04S10C SD603C08S10C SD60 |
FAST RECOVERY DIODES Hockey Puk Version DIODE 600 A, 800 V, SILICON, RECTIFIER DIODE, B-43, 2 PIN, Rectifier Diode FAST RECOVERY DIODES Hockey Puk Version 快速恢复二极管曲棍球北辰版 800V Fast Recovery Diode in a B-43 (E-Puk) package 1000V Fast Recovery Diode in a B-43 (E-Puk) package 1200V Fast Recovery Diode in a B-43 (E-Puk) package 1400V Fast Recovery Diode in a B-43 (E-Puk) package 1600V Fast Recovery Diode in a B-43 (E-Puk) package 2000V Fast Recovery Diode in a B-43 (E-Puk) package 2200V Fast Recovery Diode in a B-43 (E-Puk) package DIODE 600 A, 2200 V, SILICON, RECTIFIER DIODE, B-43, 2 PIN, Rectifier Diode DIODE 600 A, 1200 V, SILICON, RECTIFIER DIODE, B-43, 2 PIN, Rectifier Diode
|
International Rectifier, Corp. IRF[International Rectifier] Vishay Semiconductors
|
IRKEL240-10S10 2199 IRKCL240-6S10 IRKDL240-6S10 IR |
600V Fast Recovery Diode in a MAGN-A-Pak package 600V的快恢复二极管在磁共 à - Pak封装 MAGN-A-pak Power Modules 磁共甲柏电源模块 IC LOGIC 3245 OCTAL FET BUS SWITCH -40 85C TSSOP-20 - OBSOLETE 快速恢复二极管 FAST RECOVERY DIODES 快速恢复二极管 IC LOGIC 3861 10-BIT FET BUS SWITCH -40 85C SOIC-24 - OBSOLETE 快速恢复二极管 From old datasheet system 2500V Fast Recovery Diode in a MAGN-A-Pak package 1000V Fast Recovery Diode in a MAGN-A-Pak package 1200V Fast Recovery Diode in a MAGN-A-Pak package 1400V Fast Recovery Diode in a MAGN-A-Pak package 2000V Fast Recovery Diode in a MAGN-A-Pak package 1600V Fast Recovery Diode in a MAGN-A-Pak package
|
International Rectifier, Corp. IR
|
60EPF10 60EPF12 60CPF10 60CPF12 60EPF10PBF |
DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247AC, MODIFIED TO-247AC, 3 PIN, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 1200V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC (2-Pin) package 1200V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
Vishay Semiconductors IRF[International Rectifier]
|
SD2053C40S50R SD2053C32S50R SD2053C36S50R SD2053C4 |
4000V Fast Recovery Diode in a B-44 (R-Puk) package 3200V Fast Recovery Diode in a B-44 (R-Puk) package 3600V Fast Recovery Diode in a B-44 (R-Puk) package 4500V Fast Recovery Diode in a B-44 (R-Puk) package
|
International Rectifier
|
DH60-18A DH60-14A DH60-16A |
Fast Recovery Discrete Diodes From old datasheet system Fast Recovery Diode SONIC-FRD series
|
IXYS[IXYS Corporation]
|
TFR2N TFR2T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
TFR7H |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
DSEK60 L236 DSEK60-06A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED)
|
IXYS[IXYS Corporation]
|